Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 812Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 813Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 814Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 815Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 816Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 817Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 818Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 819Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 784 of 1468
REJ09B0412-0200
15.3.2
Output Data Registers H, L (PODRH, PODRL)
PODRH and PODRL store output data for use in pulse output. A bit that has been set for pulse
output by NDER is read-only and cannot be modified.
• PODRH
7
POD15
0
R/W
6
POD14
0
R/W
5
POD13
0
R/W
4
POD12
0
R/W
3
POD11
0
R/W
2
POD10
0
R/W
1
POD9
0
R/W
0
POD8
0
R/W
Bit
Bit Name
Initial Value
R/W
• PODRL
7
POD7
0
R/W
6
POD6
0
R/W
5
POD5
0
R/W
4
POD4
0
R/W
3
POD3
0
R/W
2
POD2
0
R/W
1
POD1
0
R/W
0
POD0
0
R/W
Bit
Bit Name
Initial Value
R/W
• PODRH
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
POD15
POD14
POD13
POD12
POD11
POD10
POD9
POD8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Data Register 15 to 8
For bits which have been set to pulse output by NDERH,
the output trigger transfers NDRH values to this register
during PPG operation. While NDERH is set to 1, the CPU
cannot write to this register. While NDERH is cleared, the
initial output value of the pulse can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com