Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 821 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 821 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 817Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 818Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 819Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 820Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 821Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 822Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 823Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 824Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 825Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 789 of 1468
REJ09B0412-0200
• NDRH_1
If pulse output groups 6 and 7 have the same output trigger, all eight bits are mapped to the
same address and can be accessed at one time, as shown below.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
NDR31
NDR30
NDR29
NDR28
NDR27
NDR26
NDR25
NDR24
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Register 31 to 24
The register contents are transferred to the
corresponding PODRH_1 bits by the output trigger
specified with PCR_1.
If pulse output groups 6 and 7 have different output triggers, the upper four bits and lower four
bits are mapped to different addresses as shown below.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
NDR31
NDR30
NDR29
NDR28
0
0
0
0
R/W
R/W
R/W
R/W
Next Data Register 31 to 28
The register contents are transferred to the
corresponding PODRH_1 bits by the output trigger
specified with PCR_1.
3 to 0
All 1
Reserved
These bits are always read as 1 and cannot be modified.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 1
Reserved
These bits are always read as 1 and cannot be modified.
3
2
1
0
NDR27
NDR26
NDR25
NDR24
0
0
0
0
R/W
R/W
R/W
R/W
Next Data Register 27 to 24
The register contents are transferred to the
corresponding PODRH_1 bits by the output trigger
specified with PCR_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com