Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 835 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 835 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 831Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 832Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 833Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 834Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 835Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 836Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 837Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 838Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 839Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 1504 page
background image
Section 15 Programmable Pulse Generator (PPG)
Rev. 2.00 Sep. 24, 2008 Page 803 of 1468
REJ09B0412-0200
15.4.5
Sample Setup Procedure for Non-Overlapping Pulse Output
Figures 15.10 and 15.11 show a sample procedure for setting up non-overlapping pulse output.
• Sample Setup Procedure for PPG0
Select TGR functions
[1]
Set TGR values
Set counting operation
Select interrupt request
Set initial output data
Enable pulse output
Select output trigger
Set next pulse
output data
Start counter
Set next pulse
output data
Compare match A?
No
Yes
TPU0 setup
PPG0 setup
TPU0 setup
Non-overlapping
pulse output
Set non-overlapping groups
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[1]
Set TIOR in TPU0 to make TGRA and
TGRB output compare registers (with
output disabled).
[2]
Set the pulse output trigger cycle in
TGRB and the non-overlapping margin
in TGRA.
[3]
Select the counter clock source with bits
TPSC2 to TPSC0 in TCR. Select the
counter clear source with bits CCLR1
and CCLR0.
[4]
Enable the TGIA interrupt in TIER. The
DTC or DMAC can also be set up to
transfer data to NDR.
[5]
Set the initial output values in PODR.
[6]
Set the bits in NDER for the pins to be
used for pulse output to 1.
[7]
Select the TPU compare match event to
be used as the pulse output trigger in
PCR.
[8]
In PMR, select the groups that will
operate in non-overlapping mode.
[9]
Set the next pulse output values in NDR.
[10] Set the CST bit in TSTR to 1 to start the
TCNT counter.
[11] At each TGIA interrupt, set the next
output values in NDR.
Figure 15.10 Setup Procedure for Non-Overlapping Pulse Output (PPG0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com