Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 857 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 857 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 853Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 854Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 855Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 856Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 857Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 858Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 859Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 860Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 825 of 1468
REJ09B0412-0200
Table 16.4
Clock Input to TCNT and Count Condition (Unit 2)
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0 Description
0
0
0
Clock input prohibited
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
0
0
1
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
0
1
0
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at rising edge of P
φ.
0
1
1
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
TMR_4
1
0
0
Counts at TCNT_5 overflow signal*.
0
0
0
Clock input prohibited
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
0
0
1
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
0
1
0
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at rising edge of P
φ.
0
1
1
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
TMR_5
1
0
0
Counts at TCNT_4 compare match A*.
1
0
1
Setting prohibited
1
1
0
Setting prohibited
All
1
1
1
Setting prohibited
Note:
*
If the clock input of channel 4 is the TCNT_5 overflow signal and that of channel 5 is the
TCNT_4 compare match signal, no incrementing clock is generated. Do not use this
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com