Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 868 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 868 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 864Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 865Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 866Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 867Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 868Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 869Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 871Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 872Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 1504 page
background image
Section 16 8-Bit Timers (TMR)
Rev. 2.00 Sep. 24, 2008 Page 836 of 1468
REJ09B0412-0200
16.5.6
Timing of Overflow Flag (OVF) Setting
The OVF bit in TCSR is set to 1 when TCNT overflows (changes from H'FF to H'00). Figure
16.14 shows the timing of this operation.
P
φ
OVF
Overflow signal
TCNT
H'FF
H'00
Figure 16.14 Timing of OVF Setting
16.6
Operation with Cascaded Connection
If the bits CKS2 to CKS0 in either TCR_0 or TCR_1 are set to B'100, the 8-bit timers of the two
channels are cascaded. With this configuration, a single 16-bit timer could be used (16-bit counter
mode) or compare matches of the 8-bit channel 0 could be counted by the timer of channel 1
(compare match count mode).
16.6.1
16-Bit Counter Mode
When the bits CKS2 to CKS0 in TCR_0 are set to B'100, the timer functions as a single 16-bit
timer with channel 0 occupying the upper 8 bits and channel 1 occupying the lower 8 bits.
(1)
Setting of Compare Match Flags
• The CMF flag in TCSR_0 is set to 1 when a 16-bit compare match event occurs.
• The CMF flag in TCSR_1 is set to 1 when a lower 8-bit compare match event occurs.
(2)
Counter Clear Specification
• If the CCLR1 and CCLR0 bits in TCR_0 have been set for counter clear at compare match, the
16-bit counter (TCNT_0 and TCNT_1 together) is cleared when a 16-bit compare match event
occurs. The 16-bit counter (TCNT0 and TCNT1 together) is cleared even if counter clear by
the TMRI0 pin has been set.
• The settings of the CCLR1 and CCLR0 bits in TCR_1 are ignored. The lower 8 bits cannot be
cleared independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com