Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 879 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 879 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 883Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 847 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT32K starts counting. When
this bit is cleared, TCNT32K stops counting and is
initialized to H'00_00_00.
4, 3
All 1
R
Reserved
These bits are always read as 1 and cannot be modified.
2
OSC32STP*
0
0
R/W
R/W
Subclock Oscillator Stop
0: Starts the subclock oscillator
1: Stops the subclock oscillator
Note:
*
When the CK32K bit in SUBCKCR is 1, 1 cannot be written to this bit.
17.2.2
Timer Counter (TCNT32K1, TCNT32K2, TCNT32K3)
The timer counter is a 24-bit counter for which either 8- or 24-bit operation is selectable.
Allocation to the registers of the timer counter differs according to the setting of the EXCKSN bit
in TCR32K.
(1)
EXCKSN = 1 (Initial State)
The timer counter operates as an 8-bit counter. Only TCNT32K1 is used and TCNT32K2 and
TCNT32K3 become reserved registers. Clearing the TME bit in the timer control register
(TCR32K) initializes TCNT32K1 to H'00.
• TCNT32K1
Bit
Bit Name
Initial value
R/W
7
TCNT7
0
R
6
TCNT6
0
R
5
TCNT5
0
R
4
TCNT4
0
R
3
TCNT3
0
R
2
TCNT2
0
R
1
TCNT1
0
R
0
TCNT0
0
R
• TCNT32K2
Bit
Bit Name
Initial value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com