Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 908 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 908 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 904Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 905Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 906Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 907Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 908Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 909Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 910Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 911Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 912Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 876 of 1468
REJ09B0412-0200
19.3.3
Transmit Data Register (TDR)
TDR is an 8-bit register that stores transmit data. When the SCI detects that TSR is empty, it
transfers the transmit data written in TDR to TSR and starts transmission. The double-buffered
structures of TDR and TSR enable continuous serial transmission. If the next transmit data has
already been written to TDR when one frame of data is transmitted, the SCI transfers the written
data to TSR to continue transmission. Although TDR can be read from or written to by the CPU at
all times, to achieve reliable serial transmission, write transmit data to TDR for only once after
confirming that the TDRE bit in SSR is set to 1.
Bit
Bit Name
Initial Value
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
19.3.4
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI first
automatically transfers transmit data from TDR to TSR, and then sends the data to the TxD pin.
TSR cannot be directly accessed by the CPU.
19.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI's serial transfer format and select the baud rate generator clock source.
Some bits in SMR have different functions in normal mode and smart card interface mode.
• When SMIF in SCMR = 0
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial Value
R/W
• When SMIF in SCMR = 1
7
GM
0
R/W
6
BLK
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
BCP1
0
R/W
2
BCP0
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com