Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 927 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 927 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 925Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 931Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 895 of 1468
REJ09B0412-0200
19.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 19.3 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and
clocked synchronous mode, and smart card interface mode. The initial value of BRR is H'FF, and
it can be read from or written to by the CPU at all times.
Table 19.3
Relationships between N Setting in BRR and Bit Rate B
Mode
ABCS Bit Bit Rate
Error
0
N =
− 1
64 × 2
× B
2n – 1
P
φ × 106
Error (%) = {
– 1 } × 100
B × 64 × 2
× (N + 1)
2n – 1
P
φ × 106
Asynchronous
mode
1
N =
− 1
32 × 2
× B
2n – 1
P
φ × 106
Error (%) = {
– 1 } × 100
B × 32 × 2
× (N + 1)
2n – 1
P
φ × 106
Clocked synchronous mode
N =
− 1
8 × 2
× B
2n – 1
P
φ × 106
Smart card interface mode
N =
− 1
S × 2
× B
P
φ × 106
2n + 1
Error (%) =
B × S × 2
× (N + 1)
– 1 × 100
2n + 1
P
φ × 106
{
}
[Legend]
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
P
φ:
Operating frequency (MHz)
n and S: Determined by the SMR settings shown in the following table.
SMR Setting
SMR Setting
CKS1
CKS0
n
BCP1
BCP0
S
0
0
0
0
0
32
0
1
1
0
1
64
1
0
2
1
0
372
1
1
3
1
1
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com