Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 938 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 938 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 934Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 935Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 936Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 937Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 938Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 939Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 940Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 941Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 942Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 906 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
2
1
0
ACS3
ACS2
ACS1
ACS0
0
0
0
0
R/W
R/W
R/W
R/W
1000: 115.132 kbps of average transfer rate specific to
P
φ = 24 MHz is selected (operated using the base
clock with a frequency 16 times the transfer rate)
1001: 460.526 kbps of average transfer rate specific to
P
φ = 24 or MHz or 230.263 kbps of average
transfer rate specific to P
φ = 12MHz is selected
(operated using the base clock with a frequency 16
times the transfer rate)
1010: 720 kbps of average transfer rate specific to P
φ =
24 MHz is selected (operated using the base clock
with a frequency 8 times the transfer rate)
1011: 921.053 kbps of average transfer rate specific to
P
φ = 24 or MHz or 460.526 kbps of average
transfer rate specific to P
φ = 12MHz is selected
(operated using the base clock with a frequency 8
times the transfer rate)
1100: 720 kbps of average transfer rate specific to P
φ =
32 MHz is selected (operated using the base clock
with a frequency 16 times the transfer rate)
1101: Reserved (setting prohibited)
111x: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com