Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 948 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 948 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 944Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 945Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 946Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 947Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 948Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 949Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 950Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 951Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 916 of 1468
REJ09B0412-0200
19.4.4
SCI Initialization (Asynchronous Mode)
Before transmitting and receiving data, first clear the TE and RE bits in SCR to 0, then initialize
the SCI as described in a sample flowchart in figure 19.8 When the operating mode, transfer
format, etc., is changed, the TE and RE bits must be cleared to 0 before making the change. When
the TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing the RE bit to 0 does not
initialize the RDRF, PER, FER, and ORER flags, or RDR. When the external clock is used in
asynchronous mode, the clock must be supplied even during initialization.
Wait
<Initialization completion>
Start initialization
Set data transfer format in
SMR and SCMR
[2]
Set CKE1 and CKE0 bits in SCR
(TE and RE bits are 0)
No
Yes
Set value in BRR
Set corresponding bit in ICR to 1
[3]
[4]
Set TE or RE bit in
SCR to 1, and set RIE, TIE, TEIE,
and MPIE bits
[5]
1-bit interval elapsed
[1]
Set the bit in ICR for the corresponding
pin when receiving data or using an
external clock.
[2]
Set the clock selection in SCR.
Be sure to clear bits RIE, TIE, TEIE, and
MPIE, and bits TE and RE, to 0.
When the clock output is selected in
asynchronous mode, the clock is output
immediately after SCR settings are
made.
[3]
Set the data transfer format in SMR and
SCMR.
[4]
Write a value corresponding to the bit
rate to BRR. This step is not necessary
if an external clock is used.
[5]
Wait at least one bit interval, then set the
TE bit or RE bit in SCR to 1. Also set
the RIE, TIE, TEIE, and MPIE bits.
Setting the TE and RE bits enables the
TxD and RxD pins to be used.
[1]
Clear TE and RE bits in SCR to 0
Figure 19.8 Sample SCI Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com