Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 100Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 101Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 102Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 103Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 104Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 105Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 106Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 107Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1504 page
background image
Section 2 CPU
Rev. 2.00 Sep. 24, 2008 Page 72 of 1468
REJ09B0412-0200
2.8.10
Memory Indirect—@@aa:8
This mode can be used by the JMP and JSR instructions. The operand value is a branch address,
which is the contents of a memory location pointed to by an 8-bit absolute address in the
instruction code.
The upper bits of an 8-bit absolute address are all assumed to be 0, so the address range is 0 to 255
(H'0000 to H'00FF in normal mode, H'000000 to H'0000FF in other modes).
In normal mode, the memory location is pointed to by word-size data and the branch address is 16
bits long. In other modes, the memory location is pointed to by longword-size data. In middle or
advanced mode, the first byte of the longword-size data is assumed to be all 0 (H'00).
Note that the top part of the address range is also used as the exception handling vector area. A
vector address of an exception handling other than a reset or a CPU address error can be changed
by VBR.
Figure 2.15 shows an example of specification of a branch address using this addressing mode.
(a) Normal Mode
(b) Advanced Mode
Branch address
Specified
by @aa:8
Specified
by @aa:8
Reserved
Branch address
Figure 2.15 Branch Address Specification in Memory Indirect Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com