Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1052 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1052 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1049Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1050Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1051Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1054Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1055Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1056Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1052 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1020 of 1468
REJ09B0412-0200
The data to be transmitted is written to the data register using this interrupt. After the first transmit
data write for one FIFO, the other FIFO is empty, and so the next transmit data can be written to
the other FIFO immediately. When both FIFOs are full, EP2 EMPTY is cleared to 0. If at least one
FIFO is empty, the EP2EMPTY bit in IFR0 is set to 1. When ACK is returned from the host after
data transmission is completed, the FIFO used in the data transmission becomes empty. If the
other FIFO contains valid transmit data at this time, transmission can be continued.
When transmission of all data has been completed, write 0 to the EP2EMPTY bit in IER0 and
disable interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com