Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1099 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1099 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1095Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1096Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1097Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1098Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1099Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1100Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1101Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1102Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1099 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1067 of 1468
REJ09B0412-0200
Section 22 A/D Converter
This LSI includes two units (units 0 and 1) of successive approximation type 10-bit A/D
converter. The A/D converter unit 0 allows up to eight analog input channels to be selected while
the A/D converter unit 1 allows up to four analog input channels to be selected.
Figures 22.1 and 22.2 show block diagrams of the A/D converter units 0 and 1, respectively.
22.1
Features
• 10-bit resolution
• Eight or four input channels (total eight input channels for the two units)
Four channels x two units (for unit 0 and unit 1)
Eight channels x one unit (for unit 0)
• Conversion time:
Unit 0: (2.7
µs per channel)
Unit 1: (2.7
µs per channel)
• Two kinds of operating modes
 Single mode: Single-channel A/D conversion
 Scan mode: Continuous A/D conversion on 1 to 4 channels, or 1 to 8 channels
• Eight data registers for the A/D converter unit 0 and four data registers for unit 1 (total eight
data registers for the two units)
Results of A/D conversion are held in a 16-bit data register for each channel.
• Sample and hold functionality
• Three types of conversion start
Conversion can be started by software, a conversion start trigger by the 16-bit timer pulse unit
(TPU)*
1 or 8-bit timer (TMR)*2, or an external trigger signal.
• Function of starting units simultaneously
A/D conversion for multiple units can be started by external trigger (ADTRG0).
• Interrupt source
A/D conversion end interrupt (ADI) request can be generated.
• Module stop state specifiable
Notes: 1. Only supported in the A/D converter unit 0.
2. For unit 0, A/D conversion can be started by a conversion start trigger by the TMR
units 0 and 1 whereas for unit 1 A/D conversion can be started by a conversion start
trigger by the TMR units 2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com