Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1110 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1110 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1106Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1107Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1108Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1109Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1110Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1111Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1112Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1113Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1110 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1078 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
2
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
These bits set the A/D conversion time. First select the
A/D conversion time by setting bits CKS1 and CKS0
while ADST = 0 and then set the mode of A/D
conversion.
CKS1, and CKS0
00: A/D conversion time = 528 states*
2 (max.)
01: A/D conversion time = 268 states*
2 (max.)
10: A/D conversion time = 138 states*
2 (max.)
11: A/D conversion time = 73 states*
2 (max.)
1
0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
[Legend]
x:
Don't care
Notes: 1. To set A/D conversion to start by the
ADTRG0 pin, the DDR bit and ICR bit for the
corresponding pin should be set to 0 and 1, respectively. For details, see section 13, I/O
Ports.
2. P
φ criterion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com