Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1126 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1126 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1122Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1123Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1124Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1125Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1126Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1127Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1128Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1129Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1126 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1094 of 1468
REJ09B0412-0200
provided externally for conversion in single mode, the input load will essentially comprise only
the internal input resistance of 10 k
Ω, and the signal source impedance is ignored. However, since
a low-pass filter effect is obtained in this case, it may not be possible to follow an analog signal
with a large differential coefficient (e.g., 5 mV/
µs or greater) (see figure 22.12). When converting
a high-speed analog signal or conversion in scan mode, a low-impedance buffer should be
inserted.
Equivalent circuit of the A/D converter
This LSI
20 pF
Cin =
15 pF
10 k
Ω
Low-pass
filter
C = 0.1
µF
(recommended value)
Sensor output
impedance
R
≤ 5 kΩ
Sensor input
Figure 22.12 Example of Analog Input Circuit
22.7.5
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, acting as antennas.
22.7.6
Setting Range of Analog Power Supply and Other Pins
If the conditions shown below are not met, the reliability of the LSI may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ VAN ≤ Vref.
• Relation between AVcc, AVss and Vcc, Vss
As the relationship between AVcc, AVss and Vcc, Vss, set AVcc = Vcc
± 0.3 V and AVss =
Vss. If the A/D converter is not used, set AVcc = Vcc and AVss = Vss.
• Vref setting range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com