Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 117Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 118Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 119Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 120Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 121Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1504 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep. 24, 2008 Page 86 of 1468
REJ09B0412-0200
3.3.5
Mode 5
The CPU operating mode is advanced mode in which the address space is 16 Mbytes, and the on-
chip ROM is disabled.
The initial bus width mode immediately after a reset is eight bits, with 8-bit access to all areas.
Ports D, E, and F function as an address bus, port H functions as a data bus, and parts of ports A
and B function as bus control signals. However, if any area is designated as a 16-bit access space
by the bus controller, the bus width mode switches to 16 bits, and ports H and I function as a data
bus.
3.3.6
Mode 6
The CPU operating mode is advanced mode in which the address space is 16 Mbytes, and the on-
chip ROM is enabled.
The initial bus width mode immediately after a reset is eight bits, with 8-bit access to all areas.
Ports D, E, and F function as input ports, but they can be used as an address bus by specifying the
data direction register (DDR) for each port. For details, see section 13, I/O Ports. Port H functions
as a data bus, and parts of ports A and B function as bus control signals. However, if any area is
designated as a 16-bit access space by the bus controller, the bus width mode switches to 16 bits,
and ports H and I function as a data bus.
3.3.7
Mode 7
The CPU operating mode is advanced mode in which the address space is 16 Mbytes, and the on-
chip ROM is enabled.
All I/O ports can be used as general input/output ports. The external address space cannot be
accessed in the initial state, but setting the EXPE bit in the system control register (SYSCR) to 1
enables the external address space. After the external address space is enabled, ports D, E, and F
can be used as an address output bus and ports H and I as a data bus by specifying the data
direction register (DDR) for each port. When the external address space is not in use, ports J and
K can be used by setting the PCJKE bit in the port function control register D (PFCRD) to 1. For
details, see section 13, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com