Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1220 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1220 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1216Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1217Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1218Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1219Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1220Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1221Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1222Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1223Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1220 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1188 of 1468
REJ09B0412-0200
4. Bit rate
To facilitate error checking, the value (n) of clock select (CKS) in the serial mode register
(SMR), and the value (N) in the bit rate register (BRR), which are found from the peripheral
operating clock frequency (
φ) and bit rate (B), are used to calculate the error rate to ensure that
it is less than 4%. If the error is more than 4%, a bit rate error is generated. The error is
calculated using the following expression:
Error (%) = {[
]
− 1} × 100
(N + 1)
× B × 64 × 2(2×n − 1)
φ × 106
When the new bit rate is selectable, the rate will be set in the register after sending ACK in
response. The host will send an ACK with the new bit rate for confirmation and the boot program
will response with that rate.
Confirmation
H'06
• Confirmation, H'06, (one byte): Confirmation of a new bit rate
Response
H'06
• Response, H'06, (one byte): Response to confirmation of a new bit rate
The sequence of new bit-rate selection is shown in figure 25.26.
Host
Boot program
Setting a new bit rate
H'06 (ACK)
Waiting for one-bit period
at the specified bit rate
H'06 (ACK) with the new bit rate
H'06 (ACK) with the new bit rate
Setting a new bit rate
Setting a new bit rate
Figure 25.26 New Bit-Rate Selection Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com