Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1233 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1233 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1229Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1230Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1231Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1232Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1233Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1234Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1235Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1236Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1201 of 1468
REJ09B0412-0200
(k)
Boot Program State Inquiry
The boot program will return indications of its present state and error condition. This inquiry can
be made in the inquiry/selection state or the programming/erasing state.
Command
H'4F
• Command, H'4F, (one byte): Inquiry regarding boot program's state
Response
H'5F
Size
Status
ERROR
SUM
• Response, H'5F, (one byte): Response to boot program state inquiry
• Size (one byte): The number of bytes. This is fixed to 2.
• Status (one byte): State of the boot program
• ERROR (one byte): Error status
ERROR = 0 indicates normal operation.
ERROR = 1 indicates error has occurred.
• SUM (one byte): Sum check
Table 25.18 Status Code
Code
Description
H'11
Device selection wait
H'12
Clock mode selection wait
H'13
Bit rate selection wait
H'1F
Programming/erasing state transition wait (bit rate selection is completed)
H'31
Programming state for erasure
H'3F
Programming/erasing selection wait (erasure is completed)
H'4F
Program data receive wait
H'5F
Erase block specification wait (erasure is completed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com