Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1263 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1263 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1259Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1260Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1261Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1262Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1263Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1264Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1265Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1266Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1263 / 1504 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Sep. 24, 2008 Page 1231 of 1468
REJ09B0412-0200
27.6
Usage Notes
27.6.1
Notes on Clock Pulse Generator
1. The following points should be noted since the frequency of
φ (Iφ: system clock, Pφ:
peripheral module clock, B
φ: external bus clock) supplied to each module changes according
to the setting of SCKCR.
Select a clock division ratio that is within the operation guaranteed range of clock cycle time
t
cyc shown in the AC timing of electrical characteristics.
Since I
φ min = 8MHz, Pφ min = 8MHz, Bφ min = 8MHz,
I
φ max = 50 MHz, P φ max = 35 MHz, and Bφ max = 50 MHz,
the frequencies should satisfy the conditions 8 MHz
≤ Iφ ≤ 50 MHz, 8 MHz ≤ Pφ ≤ 35 MHz,
and 8 MHz
≤ Bφ ≤ 50 MHz.
2. All the on-chip peripheral modules (except for the EXDMAC, DMAC, and DTC) operate on
the P
φ. Note therefore that the time processing of modules such as a timer and SCI differs
before and after changing the clock division ratio.
In addition, wait time for clearing software standby mode differs by changing the clock
division ratio. For details, see section 28.7.3, Setting Oscillation Settling Time after Exit from
Software Standby Mode.
3. The relationship among the system clock, peripheral module clock, and external bus clock is I
φ
≥ Pφ and Iφ ≥ Bφ. In addition, the system clock setting has the highest priority. Accordingly,
P
φ or Bφ may have the frequency set by bits ICK2 to ICK0 regardless of the settings of bits
PCK2 to PCK0 or BCK2 to BCK0.f
4. Note that the frequency of
φ will be changed in the middle of a bus cycle when setting SCKCR
or SUBCKCR while executing the external bus cycle with the write-data-buffer function and
EXDMAC.
5. Figure 27.9 shows the clock modification timing. After a value is written to SCKCR, this LSI
waits for the current bus cycle to complete. After the current bus cycle completes, each clock
frequency will be modified within one cycle (worst case) of the external input clock
φ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com