Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1295 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1295 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1291Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1292Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1293Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1294Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1295 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1263 of 1468
REJ09B0412-0200
When a power-on reset is generated by the fall of power voltage, software standby mode is
released. After that, if power voltage rises, the clock oscillation starts and the power-on reset is
released while the clock oscillation stabilization time is well kept. Thereafter CPU starts the
reset exception handling.
4. Exit from software standby mode by
RES pin
When the
RES pin is driven low, clock oscillation is started. At the same time as clock
oscillation starts, clocks are supplied to the entire LSI. Note that the
RES pin must be held low
until clock oscillation settles. When the
RES pin goes high, the CPU begins reset exception
handling.
5. Exit from software standby mode by
STBY pin
When the
STBY pin is driven low, a transition is made to hardware standby mode.
Notes: 1. By setting the SSIn bit in SSIER to 1,
IRQ0 to IRQ11 can be used as a software
standby mode clearing source.
2. Supported only by the H8SX/1668M Group.
28.7.3
Setting Oscillation Settling Time after Exit from Software Standby Mode
Bits STS4 to STS0 in SBYCR should be set as described below.
1. Using a crystal resonator
Set bits STS4 to STS0 so that the standby time is at least equal to the oscillation settling time.
Table 28.2 shows the standby times for operating frequencies and settings of bits STS4 to
STS0.
2. Using an external clock
A PLL circuit settling time is necessary. Refer to table 28.2 to set the standby time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com