Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1301 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1301 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1298Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1299Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1300Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1301Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1302Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1303Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1304Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1301 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1269 of 1468
REJ09B0412-0200
28.8.3
Pin State on Exit from Deep Software Standby Mode
In deep software standby mode, the ports retain the states that were held during software standby
mode. The internal of the LSI is initialized by an internal reset caused by deep software standby
mode, and the reset exception handling starts as soon as deep software standby mode is canceled.
The following shows the port states at this time.
(1)
Pins for address bus, bus control and data bus
Pins for the address bus, bus control signals (
CS0, AS, HWR, and LWR), and data bus operate
depending on the CPU.
(2)
Pins other than address bus, bus control and data bus pins
Whether the ports are initialized or retain the states that were held during software standby mode
can be selected by the IOKEEP bit.
• When IOKEEP = 0
Ports are initialized by an internal reset caused by deep software standby mode.
• When IOKEEP = 1
The port states that were held in deep software standby mode are retained regardless of the LSI
internal state though the internal of the LSI is initialized by an internal reset caused by deep
software standby mode. At this time, the port states that were held in software standby mode
are retained even if settings of I/O ports or peripheral modules are set. Subsequently, the
retained port states are released when the IOKEEP bit is cleared to 0 and operation is
performed according to the internal settings.
The IOKEEP bit is not initialized by an internal reset caused by canceling deep software standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com