Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1448 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1448 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1444Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1445Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1446Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1447Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1448Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1449Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1450Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1451Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1448 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1416 of 1468
REJ09B0412-0200
30.8
Flash Memory Characteristics
Table 30.14 Flash Memory Characteristics
Conditions: V
CC = PLLVCC = DrVCC = 3.0 V to 3.6 V*
5, AV
CC = 3.0 V to 3.6 V, Vref = 3.0 V to
AV
CC, VSS = PLLVSS = DrVSS = AVSS = 0 V,
Operating temperature range during programming/erasing:
Operating temperature range: T
a = 0°C to +75°C (regular specifications),
T
a = 0°C to +85°C (wide-range specifications)
Operating voltage range: V
CC = PLLVCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V,
V
ref = 3.0 V to AVCC, VSS = PLLVSS = DrVSS = AVSS =
0V
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Programming time*
1, *2, *4
t
P
1
10
ms/128 bytes
Erasure time*
1, *2, *4
t
E
40
130
ms/4-Kbyte
block
300
800
ms/32-Kbyte
block
600
1500
ms/64-Kbyte
block
Σ
tP
3.4
9
H8SX/1663R,
H8SX/1663M
s/384 Kbytes
4.5
12
H8SX/1664R
H8SX/1664M
s/512 Kbytes
Programming time
(total)*
1, *2, *4
9.0
24
H8SX/1668R
H8SX/1668M
s/1 Mbyte
T
a = 25°C, for
all 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com