Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1467 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1467 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1463Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1464Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1465Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1466Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1467Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1468Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1469Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1470Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1467 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1435 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Section 1 Overview
1.1.2 Overview of Functions
Table 1.1 Overview of
Functions
3
Amended
Interrupt controller (INTC)
• Number of internal interrupt sources
H8SX/1668R Group: 124 pins
H8SX/1668M Group 125 pins
1.2 List of Products
Table 1.3 List of Products
Figure 1.1 How to Read the
Product Name Code
11
Deleted and amended
N: Regular specification
D: Wide range specification
1.4.1 Pin Assignments
Figure 1.3 Pin Assignments
(LQFP-144)
13
Amended
Pin number 108: TEND2
Pin number 109: DACK2
1.4.2 Correspondence
between Pin Configuration
and Operating Modes
Table 1.4 Pin Configuration in
Each Operating Mode
(H8SX/1668R Group and
H8SX/1668M Group)
22
Added
Note below is added
2. Pins TDO, TRST, TMS, TDI, and TCK are enabled in
mode 3.
Added
EDRAK0 and EDRAK1 are added to EXDMA controller
(EXDMAC)
1.4.3 Pin Functions
Table 1.5 Pin Functions
27
Amended
Description of the 16-bit timer pulse unit (TPU)
Signals for TGRA_0 to TGRD_0. These pins are used as
input capture inputs, output compare outputs, or PWM
outputs.
Section 3 MCU Operating
Modes
3.4.1 Address Map
Figure 3.1 Address Map in
Each Operating Mode of
H8SX/1668R and
H8SX/1668M (1)
88
Amended
H'FEC000 to H'FEE000 of each mode
[Before amendment] Access prohibited area
→
[After amendment] Reserved area*
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com