Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 172Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 173Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 174Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 175Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 176Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 178Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 179Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 144 of 1468
REJ09B0412-0200
7.3.6
IRQ Status Register (ISR)
ISR is an IRQ15, IRQ14, and IRQ11 to IRQ0 interrupt request register.
Bit
Bit Name
Initial Value
R/W
15
IRQ15F
0
R/(W)*1
14
IRQ14F*2
0
R/(W)*1
13
0
R/(W)*1
12
0
R/(W)*1
11
IRQ11F
0
R/(W)*1
10
IRQ10F
0
R/(W)*1
9
IRQ9F
0
R/(W)*1
8
IRQ8F
0
R/(W)*1
Bit
Bit Name
Initial Value
R/W
Note:
1. Only 0 can be written, to clear the flag. The bit manipulation instructions or memory operation instructions should
be used to clear the flag.
2. Supported only by the H8SX/1668M Group.
7
IRQ7F
0
R/(W)*1
6
IRQ6F
0
R/(W)*1
5
IRQ5F
0
R/(W)*1
4
IRQ4F
0
R/(W)*1
3
IRQ3F
0
R/(W)*1
2
IRQ2F
0
R/(W)*1
1
IRQ1F
0
R/(W)*1
0
IRQ0F
0
R/(W)*1
Bit
Bit Name
Initial
Value
R/W
Description
15
IRQ15F
0
R/(W)*
1
[Setting condition]
• When the interrupt selected by ISCR occurs
[Clearing conditions]
• Writing 0 after reading IRQ15 = 1
• When IRQ15 interrupt exception handling is
executed while falling-edge sensing is selected
14
IRQ14F*
2
0
R/(W)*
1
[Setting condition]
• When the interrupt selected by ISCR occurs
[Clearing conditions]
• Writing 0 after reading IRQ14 = 1
When IRQ14 interrupt exception handling is executed
while falling-edge sensing is selected
13, 12
All 0
R/(W)*
1
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com