Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 177Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 178Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 179Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 180Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 181Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 182Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 183Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 184Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 149 of 1468
REJ09B0412-0200
7.5
Interrupt Exception Handling Vector Table
Table 7.2 lists interrupt exception handling sources, vector address offsets, and interrupt priority.
In the default priority order, a lower vector number corresponds to a higher priority. When
interrupt control mode 2 is set, priority levels can be changed by setting the IPR contents. The
priority for interrupt sources allocated to the same level in IPR follows the default priority, that is,
they are fixed.
Table 7.2
Interrupt Sources, Vector Address Offsets, and Interrupt Priority
Vector Address Offset*
1
Classification
Interrupt Source
Vector
Number
Advanced mode,
Middle mode, Maximum
mode
IPR
Priority
DTC
Activation
DMAC
Activation
External pin
NMI
7
H'001C
UBC
UBC break
interrupt
14
H'0038
IRQ0
64
H'0100
IPRA14 to IPRA12
O
IRQ1
65
H'0104
IPRA10 to IPRA8
O
IRQ2
66
H'0108
IPRA6 to IPRA4
O
IRQ3
67
H'010C
IPRA2 to IPRA0
O
IRQ4
68
H'0110
IPRB14 to IPRB12
O
IRQ5
69
H'0114
IPRB10 to IPRB8
O
IRQ6
70
H'0118
IPRB6 to IPRB4
O
IRQ7
71
H'011C
IPRB2 to IPRB0
O
IRQ8
72
H'0120
IPRC14 to IPRC12
O
IRQ9
73
H'0124
IPRC10 to IPRC8
O
IRQ10
74
H'0128
IPRC6 to IPRC4
O
External pin
IRQ11
75
H'012C
IPRC2 to IPRC0
O
76
H'0130
Reserved for
system use
77
H'0134
LVD*
2
Voltage-
monitoring
interrupt *(IRQ14)
78
H'0138
IPRD6 to IPRD4
High
TM32K
32KOVI (IRQ15)
79
H'013C
IPRD2 to IPRD0
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com