Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 184Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 185Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 186Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 187Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 188Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 189Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 190Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 191Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 156 of 1468
REJ09B0412-0200
7.6
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two interrupt control modes: interrupt control mode 0 and interrupt
control mode 2. Interrupt operations differ depending on the interrupt control mode. The interrupt
control mode is selected by INTCR. Table 7.3 shows the differences between interrupt control
mode 0 and interrupt control mode 2.
Table 7.3
Interrupt Control Modes
Interrupt
Control
Mode
Priority
Setting
Register
Interrupt
Mask Bit
Description
0
Default
I
The priority levels of the interrupt sources are fixed
default settings.
The interrupts except for NMI is masked by the I bit.
2
IPR
I2 to I0
Eight priority levels can be set for interrupt sources
except for NMI with IPR.
8-level interrupt mask control is performed by bits I2 to
I0.
7.6.1
Interrupt Control Mode 0
In interrupt control mode 0, interrupt requests except for NMI are masked by the I bit in CCR of
the CPU. Figure 7.3 shows a flowchart of the interrupt acceptance operation in this case.
1. If an interrupt request occurs when the corresponding interrupt enable bit is set to 1, the
interrupt request is sent to the interrupt controller.
2. If the I bit in CCR is set to 1, NMI is accepted, and other interrupt requests are held pending. If
the I bit is cleared to 0, an interrupt request is accepted.
3. For multiple interrupt requests, the interrupt controller selects the interrupt request with the
highest priority, sends the request to the CPU, and holds other interrupt requests pending.
4. When the CPU accepts the interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC and CCR contents are saved to the stack area during the interrupt exception handling.
The PC contents saved on the stack is the address of the first instruction to be executed after
returning from the interrupt handling routine.
6. Next, the I bit in CCR is set to 1. This masks all interrupts except NMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com