Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 197Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 198Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 199Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 200Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 201Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 202Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 203Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 204Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 169 of 1468
REJ09B0412-0200
7.8.2
Instructions that Disable Interrupts
Instructions that disable interrupts immediately after execution are LDC, ANDC, ORC, and
XORC. After any of these instructions is executed, all interrupts including NMI are disabled and
the next instruction is always executed. When the I bit is set by one of these instructions, the new
value becomes valid two states after execution of the instruction ends.
7.8.3
Times when Interrupts are Disabled
There are times when interrupt acceptance is disabled by the interrupt controller.
The interrupt controller disables interrupt acceptance for a 3-state period after the CPU has
updated the mask level with an LDC, ANDC, ORC, or XORC instruction, and for a period of
writing to the registers of the interrupt controller.
7.8.4
Interrupts during Execution of EEPMOV Instruction
Interrupt operation differs between the EEPMOV.B and the EEPMOV.W instructions.
With the EEPMOV.B instruction, an interrupt request (including NMI) issued during the transfer
is not accepted until the transfer is completed.
With the EEPMOV.W instruction, if an interrupt request is issued during the transfer, interrupt
exception handling starts at the end of the individual transfer cycle. The PC value saved on the
stack in this case is the address of the next instruction. Therefore, if an interrupt is generated
during execution of an EEPMOV.W instruction, the following coding should be used.
L1:
EEPMOV.W
MOV.W
R4,R4
BNE
L1
7.8.5
Interrupts during Execution of MOVMD and MOVSD Instructions
With the MOVMD or MOVSD instruction, if an interrupt request is issued during the transfer,
interrupt exception handling starts at the end of the individual transfer cycle. The PC value saved
on the stack in this case is the address of the MOVMD or MOVSD instruction. The transfer of the
remaining data is resumed after returning from the interrupt handling routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com