Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 206Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 207Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 208Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 209Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 210Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 211Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 212Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 213Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1504 page
background image
Section 8 User Break Controller (UBC)
Rev. 2.00 Sep. 24, 2008 Page 178 of 1468
REJ09B0412-0200
8.4
Operation
The UBC does not detect condition matches in standby states (sleep mode, all module clock stop
mode, software standby mode, deep software standby, and hardware standby mode).
8.4.1
Setting of Break Control Conditions
1. The address condition for the break is set in break address register n (BARn). A mask for the
address is set in break address mask register n (BAMRn).
2. The bus and break conditions are set in break control register n (BRCRn). Bus conditions
consist of CPU cycle, PC break, and reading. Condition comparison is not performed when the
CPU cycle setting is CPn
= B'000, the PC break setting is IDn = B'00, or the read setting is
RWn
= B'00.
3. The condition match CPU flag (CMFCPn) is set in the event of a break condition match on the
corresponding channel. These flags are set when the break condition matches but are not
cleared when it no longer does. To confirm setting of the same flag again, read the flag once
from the break interrupt handling routine, and then write 0 to it (the flag is cleared by writing 0
to it after reading it as 1).
[Legend]
n
= Channels A to D
8.4.2
PC Break
1. When specifying a PC break, specify the address as the first address of the required instruction.
If the address for a PC break condition is not the first address of an instruction, a break will
never be generated.
2. The break occurs after fetching and execution of the target instruction have been confirmed. In
cases of contention between a break before instruction execution and a user maskable interrupt,
priority is given to the break before instruction execution.
3. A break will not be generated even if a break before instruction execution is set in a delay slot.
4. The PC break condition is generated by specifying CPU cycles as the bus condition in break
control register n (BRCRn.CPn0
= 1), PC break as the break condition (IDn0 = 1), and read
cycles as the bus-cycle condition (RWn0
= 1).
[Legend]
n
= Channels A to D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com