Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 224Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 225Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 226Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 227Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 228Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 229Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 230Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 231Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 196 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
11
10
9
8
CSXH7
CSXH6
CSXH5
CSXH4
CSXH3
CSXH2
CSXH1
CSXH0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CS and Address Signal Assertion Period Control 1
These bits specify whether or not the Th cycle is to be
inserted (see figure 9.3). When an area for which bit
CSXHn is set to 1 is accessed, one Th cycle, in which
the
CSn and address signals are asserted, is inserted
before the normal access cycle.
0: In access to area n, the
CSn and address assertion
period (Th) is not extended
1: In access to area n, the
CSn and address assertion
period (Th) is extended
(n = 7 to 0)
7
6
5
4
3
2
1
0
CSXT7
CSXT6
CSXT5
CSXT4
CSXT3
CSXT2
CSXT1
CSXT0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CS and Address Signal Assertion Period Control 2
These bits specify whether or not the Tt cycle is to be
inserted (see figure 9.3). When an area for which bit
CSXTn is set to 1 is accessed, one Tt cycle, in which
the
CSn and address signals are retained, is inserted
after the normal access cycle.
0: In access to area n, the
CSn and address assertion
period (Tt) is not extended
1: In access to area n, the
CSn and address assertion
period (Tt) is extended
(n = 7 to 0)
Note:
*
In burst ROM interface, the CSXTn settings are ignored during read accesses by the
CPU and EXDMAC cluster transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com