Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 261Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 262Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 263Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 264Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 265Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 266Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 267Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 268Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 233 of 1468
REJ09B0412-0200
(4)
Number of Access Cycles
(a)
Basic Bus Interface
The number of access cycles in the basic bus interface can be specified as two or three cycles by
the ASTCR. An area specified as 2-state access is specified as 2-state access space; an area
specified as 3-state access is specified as 3-state access space.
For the 2-state access space, a wait cycle insertion is disabled. For the 3-state access space, a
program wait (0 to 7 cycles) specified by WTCRA and WTCRB or an external wait by
WAIT can
be inserted.
Assertion period of the chip select signal can be extended by CSACR.
Number of access cycles in the basic bus interface
= number of basic cycles (2, 3) + number of program wait cycles (0 to 7)
+ number of
CS extension cycles (0, 1, 2)
[+ number of external wait cycles by the
WAIT pin]
(b)
Byte Control SRAM Interface
The number of access cycles in the byte control SRAM interface is the same as that in the basic
bus interface.
Number of access cycles in byte control SRAM interface
= number of basic cycles (2, 3) + number of program wait cycles (0 to 7)
+ number of
CS extension cycles (0, 1, 2)
[+ number of external wait cycles by the
WAIT pin]
(c)
Burst ROM Interface
The number of access cycles at full access in the burst ROM interface is the same as that in the
basic bus interface. The number of access cycles in the burst access can be specified as one to
eight cycles by the BSTS bit in BROMCR.
Number of access cycles in the burst ROM interface
= number of basic cycles (2, 3) + number of program wait cycles (0 to 7)
+ number of
CS extension cycles (0, 1)
[+number of external wait cycles by the
WAIT pin]
+ number of burst access cycles (1 to 8)
× number of burst accesses (0 to 63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com