Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 279Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 280Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 281Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 282Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 283Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 284Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 285Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 286Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 251 of 1468
REJ09B0412-0200
9.6.4
Wait Control
This LSI can extend the bus cycle by inserting wait cycles (Tw) when the external address space is
accessed. There are two ways of inserting wait cycles: program wait (Tpw) insertion and pin wait
(Ttw) insertion using the
WAIT pin.
(1)
Program Wait Insertion
From 0 to 7 wait cycles can be inserted automatically between the T
2 state and T3 state for 3-state
access space, according to the settings in WTCRA and WTCRB.
(2)
Pin Wait Insertion
For 3-state access space, when the WAITE bit in BCR1 is set to 1 and the corresponding ICR bit
is set to 1, wait input by means of the
WAIT pin is enabled. When the external address space is
accessed in this state, a program wait (Tpw) is first inserted according to the WTCRA and
WTCRB settings. If the
WAIT pin is low at the falling edge of Bφ in the last T2 or Tpw cycle,
another Ttw cycle is inserted until the
WAIT pin is brought high. The pin wait insertion is
effective when the Tw cycles are inserted to seven cycles or more, or when the number of Tw
cycles to be inserted is changed according to the external devices. The WAITE bit is common to
all areas. For details on ICR, see section 13, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com