Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 320Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 321Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 322Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 323Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 324Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 325Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 326Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 327Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 292 of 1468
REJ09B0412-0200
RAS
UCAS
LCAS
WE
OE
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D15 to D0
RAS
LUCAS
LLCAS
WE
RD (OE)
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
D15 to D0
This LSI
(Address shifted by 11 bits)
Two CAS signals used 64-Mbit DRAM
(4 Mwords
× 16 bits)
11-bit column address
Row address input:
A10 to A0
Column address input: A10 to A0
Figure 9.47 Example of Connection for Control with Two CAS Signals
9.10.11
Burst Access Operation
Besides an accessing method in which this LSI outputs a row address every time it accesses the
DRAM (called full access or normal access), some DRAMs have a fast-page mode function in
which fast speed access can be achieved by modifying only a column address with the same row
address output (burst access) when consecutive accesses are made to the same row address.
The fast-page mode (burst access) can be specified when the BE bit in DRAMCR is set to one,
(1)
Burst Access (Fast-Page Mode) Operation Timing
Figures 9.48 and 9.49 show operation timing of the fast-page mode.
When access cycles to the DRAM space are continued and the row addresses of the consecutive
two cycles are the same, output cycles of the CAS and column address signals follow. The row
address bits to be compared are decided by bits MXC1 and MXC0 in DRAMCR.
Wait cycles can be inserted during a burst access. The method and timing of the wait insertion are
the same as that of full access mode. For details, see section 9.10.9, Wait Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com