Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 31Page - Renesas Technology Corp H8S/2424 Datasheet HTML 32Page - Renesas Technology Corp H8S/2424 Datasheet HTML 33Page - Renesas Technology Corp H8S/2424 Datasheet HTML 34Page - Renesas Technology Corp H8S/2424 Datasheet HTML 35Page - Renesas Technology Corp H8S/2424 Datasheet HTML 36Page - Renesas Technology Corp H8S/2424 Datasheet HTML 37Page - Renesas Technology Corp H8S/2424 Datasheet HTML 38Page - Renesas Technology Corp H8S/2424 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 7 of 1270
REJ09B0466-0100
Type
Module/
Function
Description
I/O ports
• Input-only pins: 18 (144-pin version), 17 (145-pinersion)*2,
11 (120-pin version)
• Input/output pins: 96 (144-pin version or 145-pin version)*2,
83 (120-pin version)
• Pull-up resistor pins: 40
• Open-drain pins: 91
Package
• 144-pin QFP package (PLQP0144KA-A)
(code: FP-144LV, body size: 20
× 20 mm, pin pitch: 0.50 mm)
• 145-pin TLP package (PTLG0145JB-A)
(body size: 9
× 9 mm, pin pitch: 0.65 mm)
• 120-pin QFP package (PLQP0120LA-A)
(code: FP-120BV, body size: 14
× 14 mm, pin pitch: 0.40 mm)
• Pb-free package
Operating frequency/
power supply voltage
• Operating frequency: 8 to 33 MHz
• Power supply voltage: V
CC = 3.0 to 3.6 V, AVCC = 3.0 to 3.6 V
• Current consumption: 55 mA typ. (V
CC = 3.3 V, AVCC = 3.3 V,
φ = 33 MHz)
Operating environment
temperature (
°C)
−20°C to +75°C (regular specifications)
Note:
1. Supported only by the H8S/2426R Group.
2. Note that the function of 145-pin version partly differs from that of 144-pin version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com