Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 54Page - Renesas Technology Corp H8S/2424 Datasheet HTML 55Page - Renesas Technology Corp H8S/2424 Datasheet HTML 56Page - Renesas Technology Corp H8S/2424 Datasheet HTML 57Page - Renesas Technology Corp H8S/2424 Datasheet HTML 58Page - Renesas Technology Corp H8S/2424 Datasheet HTML 59Page - Renesas Technology Corp H8S/2424 Datasheet HTML 60Page - Renesas Technology Corp H8S/2424 Datasheet HTML 61Page - Renesas Technology Corp H8S/2424 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 30 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
Address
bus
A23 to A0
31 to 26,
24 to 19,
17 to 11,
9 to 5
J3, K2, J1, K4,
H3, J2, J4, G3,
H2, G1, H4, G4,
F1, G2, F3, E4,
E1, F2, E3, D1,
D3, D2, C3, C1
29 to 23,
21 to 18,
16 to 9,
7 to 3
Output These pins output an address.
Data bus
D15 to D0
80 to 73,
71,
69 to 63
K11, K12, L13,
L11, M12, L12,
N13, M13, N11,
M11, N10, L9,
M10, N9, K10, L8
68 to 61,
59,
57 to 51
Input/
output
These pins constitute a
bidirectional data bus. When
an address/data multiplexed
I/O space is accessed, an
address is also output.
Bus
control
CS7 to
CS0
38 to 35,
110 to 107
M2, N2, M1,
L1, A13, A12,
B13, C12
29, 71, 70,
106,
92 to 89
Output Signals that select division
areas 7 to 0 in the external
address space
AS
90
G10
75
Output When this pin is low, it
indicates that address output
on the address bus is valid.
AH
90
G10
75
Output Signal for holding the address
when an address/data
multiplexed I/O space is being
accessed.
RD
89
G12
74
Output When this pin is low, it
indicates that the external
address space is being read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com