Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 67Page - Renesas Technology Corp H8S/2424 Datasheet HTML 68Page - Renesas Technology Corp H8S/2424 Datasheet HTML 69Page - Renesas Technology Corp H8S/2424 Datasheet HTML 70Page - Renesas Technology Corp H8S/2424 Datasheet HTML 71Page - Renesas Technology Corp H8S/2424 Datasheet HTML 72Page - Renesas Technology Corp H8S/2424 Datasheet HTML 73Page - Renesas Technology Corp H8S/2424 Datasheet HTML 74Page - Renesas Technology Corp H8S/2424 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 43 of 1270
REJ09B0466-0100
Execution States
Instruction
Mnemonic
H8S/2600
H8S/2000
MULXU
MULXU.B Rs, Rd
2*
12
MULXU.W Rs, ERd
2*
20
MULXS
MULXS.B Rs, Rd
3*
13
MULXS.W Rs, ERd
3*
21
CLRMAC
CLRMAC
1*
LDMAC
LDMAC ERs, MACH
1*
LDMAC ERs, MACL
1*
STMAC
STMAC MACH, ERd
1*
STMAC MACL, ERd
1*
Not supported
Note:
*
The number of execution states is incremented following a MAC instruction.
In addition, there are differences in address space, CCR and EXR register functions,
power-down modes, etc., depending on the model.
2.1.2
Differences from H8/300 CPU
In comparison to the H8/300 CPU, the H8S/2600 CPU has the following enhancements.
• More general registers and control registers
Eight 16-bit expanded registers, and one 8-bit and two 32-bit control registers, have been
added.
• Expanded address space
Normal mode supports the same 64-Kbyte address space as the H8/300 CPU.
Advanced mode supports a maximum 16-Mbyte address space.
• Enhanced addressing
The addressing modes have been enhanced to make effective use of the 16-Mbyte address
space.
• Enhanced instructions
Addressing modes of bit-manipulation instructions have been enhanced.
Signed multiply and divide instructions have been added.
A multiply-and-accumulate instruction has been added.
Two-bit shift and rotate instructions have been added.
Instructions for saving and restoring multiple registers have been added.
A test and set instruction has been added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com