Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 28Page - Renesas Technology Corp H8S/2424 Datasheet HTML 29Page - Renesas Technology Corp H8S/2424 Datasheet HTML 30Page - Renesas Technology Corp H8S/2424 Datasheet HTML 31Page - Renesas Technology Corp H8S/2424 Datasheet HTML 32Page - Renesas Technology Corp H8S/2424 Datasheet HTML 33Page - Renesas Technology Corp H8S/2424 Datasheet HTML 34Page - Renesas Technology Corp H8S/2424 Datasheet HTML 35Page - Renesas Technology Corp H8S/2424 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 4 of 1270
REJ09B0466-0100
Type
Module/
Function
Description
EXDMA controller
(EXDMAC)
• DMA transfer is possible on two channels
• Two activation sources (auto-request and external request)
• Two transfer modes (normal mode and block transfer mode)
• Dual address mode or single address mode can be selected
• 16-Mbyte address space can be specified directly
• Repeat area can be set
Note:
*
EXDMAC is supported only by the H8S/2426 Group
and H8S/2426R Group.
DMA
Data transfer
controller (DTC)
• Transfer is possible on any number of channels
• An interrupt source can trigger data transfer (chain transfer is
possible)
• Three transfer modes (normal mode, repeat mode, and block
transfer mode)
• Byte or word can be set as the transfer unit
• Activation by software is possible
External
bus
extension
Bus controller
(BSC)
• External address space: 16 Mbytes
• Manages the external address space divided into eight areas
Chip select signals (
CS0 to CS7) can be output
8-bit access or 16-bit access can be selected
2-state access or 3-state access can be selected
Program wait states can be inserted
• External memory interfaces (burst ROM, DRAM, synchronous
DRAM*
1, address/data multiplexed I/O)
• Bus arbitration function (bus arbitration of the bus masters
CPU, DTC, DMAC, and EXDMAC)
Clock
Clock pulse
generator (CPG)
• This LSI has a single on-chip clock pulse generator circuit
• Consists of an oscillator, a system-clock PLL circuit, a divider,
and the system clock frequency can be changed
System clock (
φ) cycle: 8 to 33 MHz
• Six power-down modes
Divided clock mode, sleep mode, module stop function, all
module clock stop mode, software standby mode, and
hardware standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com