Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 55Page - Renesas Technology Corp H8S/2424 Datasheet HTML 56Page - Renesas Technology Corp H8S/2424 Datasheet HTML 57Page - Renesas Technology Corp H8S/2424 Datasheet HTML 58Page - Renesas Technology Corp H8S/2424 Datasheet HTML 59Page - Renesas Technology Corp H8S/2424 Datasheet HTML 60Page - Renesas Technology Corp H8S/2424 Datasheet HTML 61Page - Renesas Technology Corp H8S/2424 Datasheet HTML 62Page - Renesas Technology Corp H8S/2424 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 31 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
Bus
control
HWR
88
H11
73
Output Strobe signal indicating that
an external address space is
to be written to, and the upper
half (D15 to D8) of the data
bus is enabled. Also functions
as the write enable signal for
accessing the DRAM space.
LWR
87
J13
72
Output Strobe signal indicating that
an external address space is
to be written to, and the lower
half (D7 to D0) of the data bus
is enabled.
BREQ-A
BREQ-B
132
134
D5
B5
108
110
Input
The external bus master
requests the bus to this LSI.
BREQO-A
BREQO-B
130
133
B6
A6
106
109
Output External bus request signal
when the internal bus master
accesses an external space in
the external bus release state.
BACK-A
BACK-B
131
135
C7
C6
107
111
Output Indicates the bus is released
to the external bus master.
UCAS
85
H12
70
Output Upper column address strobe
signal for accessing the 16-bit
DRAM space. Also functions
as the column address strobe
signal for accessing the 8-bit
DRAM space.
LCAS
86
H10
71
Output Lower column address strobe
signal for accessing the 16-bit
DRAM space.
DQMU*
1
85
H12
Output Upper data mask enable
signal for accessing the 16-bit
continuous synchronous
DRAM space. Also functions
as the data mask enable
signal for accessing the 8-bit
continuous synchronous
DRAM space.
DQML*
1
86
H10
Output Lower-data mask enable
signal for accessing the 16-bit
continuous synchronous
DRAM interface space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com