Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 35Page - Renesas Technology Corp H8S/2424 Datasheet HTML 36Page - Renesas Technology Corp H8S/2424 Datasheet HTML 37Page - Renesas Technology Corp H8S/2424 Datasheet HTML 38Page - Renesas Technology Corp H8S/2424 Datasheet HTML 39Page - Renesas Technology Corp H8S/2424 Datasheet HTML 40Page - Renesas Technology Corp H8S/2424 Datasheet HTML 41Page - Renesas Technology Corp H8S/2424 Datasheet HTML 42Page - Renesas Technology Corp H8S/2424 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 11 of 1270
REJ09B0466-0100
1.4
Pin Description
1.4.1
Pin Assignments
PG2/
CS2/RAS2/RAS
PG3/
CS3/RAS3/CAS*1
AVcc
Vref
P40/AN0_0
P41/AN1_0
P42/AN2_0
P43/AN3_0
P44/AN4_0
P45/AN5_0
P46/AN6_0
P47/AN7_0
P90/AN8_1
P91/AN9_1
P92/AN10_1
P93/AN11_1
P94/AN12_1/DA2
P95/AN13_1/DA3
P96/AN14_1
P97/AN15_1
AVss
PG4/
BREQO-A
PG5/
BACK-A
PG6/
BREQ-A
P50/
BREQO-B/IRQ0-A/PO0-B/TIOCA3-B/TMRI0-B/TxD2/SDA3
P51/
BREQ-B/IRQ1-A/PO2-B/TIOCC3-B/TMCI0-B/RxD2/SCL3
P52/
BACK-B/IRQ2-A/PO4-B/TIOCA4-B/TMO0-B/SCK2
P53/
IRQ3-A/ADTRG0-A
P35/
OE-B/CKE-B*1/SCK1/SCL0
P34/SCK0/SCK4-A/SDA0
P33/RxD1/SCL1
P32/RxD0/IrRxD/SDA1
P31/TxD1
P30/TxD0/IrTxD
MD0
MD1
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
Vcc
PE7/D7/AD7
Vss
PE6/D6/AD6
PE5/D5/AD5
PE4/D4/AD4
PE3/D3/AD3
PE2/D2/AD2
PE1/D1/AD1
PE0/D0/AD0
PJ2
P85/
IRQ5-B/PO5-B/TIOCB4-B/TMO1-B/SCK3/EDACK3
P84/
IRQ4-B/EDACK2
P83/
IRQ3-B/PO3-B/TIOCD3-B/TMCI1-B/RxD3/ETEND3
P27/
IRQ15-B/PO7/TIOCB5/SCL2
P26/
IRQ14-B/PO6/TIOCA5/SDA2/ADTRG1
P25/
WAIT-B/IRQ13-B/PO5-A/TIOCB4-A
P24/
IRQ12-B/PO4-A/TIOCA4-A/RxD4-A
P23/
IRQ11-B/PO3-A/TIOCD3/TxD4-A
P22/
IRQ10-B/PO2-A/TIOCC3-A
P21/
IRQ9-B/PO1-A/TIOCB3-A
P20/
IRQ8-B/PO0-A/TIOCA3-A
Vss
P17/PO15/TIOCB2/TCLKD/
EDRAK3/SCS0-A
P16/PO14/TIOCA2/
EDRAK2/SSCK0-A
P15/PO13/TIOCB1/TCLKC/SSI0-A
P14/PO12/TIOCA1/SSO0-A
P13/PO11/TIOCD0/TCLKB
P12/PO10/TIOCC0/TCLKA
P11/PO9/TIOCB0
P10/PO8/TIOCA0
VCL*3
NMI
WDTOVF
PH3/
CS7/OE-A/CKE-A*1/IRQ7-B
PH2/
CS6/IRQ6-B
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
H8S/2426 Group,
H8S/2426R Group
PLQP0144KA-A
FP-144LV
(Top view)
41
0.1
µF
(recommended value)
Notes: 1.
2.
3.
Not available in the H8S/2426 Group.
Emulator enable pin. In normal operating mode, this pin should be fixed low.
Driving this pin high in the flash-memory version enables the on-chip emulation function.
When the on-chip emulation function is in use, pins P53, PG4, PG5, PG6, and
WDTOVF are used exclusively as the on-chip emulator pins.
The VCL pin should be connected to an external capacitor.
Figure 1.4 Pin Assignments for H8S/2426 Group and H8S/2426R Group (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com