Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 27Page - Renesas Technology Corp H8S/2424 Datasheet HTML 28Page - Renesas Technology Corp H8S/2424 Datasheet HTML 29Page - Renesas Technology Corp H8S/2424 Datasheet HTML 30Page - Renesas Technology Corp H8S/2424 Datasheet HTML 31Page - Renesas Technology Corp H8S/2424 Datasheet HTML 32Page - Renesas Technology Corp H8S/2424 Datasheet HTML 33Page - Renesas Technology Corp H8S/2424 Datasheet HTML 34Page - Renesas Technology Corp H8S/2424 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 3 of 1270
REJ09B0466-0100
Type
Module/
Function
Description
CPU
MCU operating
mode
• Mode 1: Expanded mode with on-chip ROM disabled,
16-bit bus (MD2 and MD1 pins are low and MD0
pin is high)
• Mode 2: Expanded mode with on-chip ROM disabled,
8-bit bus (MD2 pin is low, MD1 pin is high, and
MD0 pin is low)
• Mode 3: Boot mode (MD2 pin is low and MD1 and MD0 pins
are high)
• Mode 4: Expanded mode with on-chip ROM enabled,
8-bit bus (MD2 pin is high and MD1 and MD0 pins
are low)
• Mode 7: Single-chip mode (MD2, MD1, and MD0 pins are
high)
• Power-down modes (a power-down mode is entered when the
SLEEP instruction is executed)
Interrupts
(sources)
Interrupt controller
• External interrupt pins
H8S/2426 Group, H8S/2426R Group:
33 pins (NMI,
IRQ15-A to IRQ0-A, IRQ15-B to IRQ0-B)
H8S/2424 Group:
17 pins (NMI,
IRQ7-A to IRQ0-A, IRQ7-B to IRQ0-B)
• Internal interrupt sources
H8S/2426 Group, H8S/2426R Group: 102 sources
H8S/2424 Group: 100 sources
• Two interrupt control modes (specified by the interrupt control
register)
• Eight priority levels can be set (specified by the interrupt
priority registers)
• Independent vector addresses
DMA
DMA controller
(DMAC)
• DMA transfer is possible on four channels
• Three activation sources (auto-request, on-chip module
interrupt, and external request)
• Byte or word can be set as the transfer unit
• Short address mode or full address mode can be selected
• 16-Mbyte address space can be specified directly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com