Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 72Page - Renesas Technology Corp H8S/2424 Datasheet HTML 73Page - Renesas Technology Corp H8S/2424 Datasheet HTML 74Page - Renesas Technology Corp H8S/2424 Datasheet HTML 75Page - Renesas Technology Corp H8S/2424 Datasheet HTML 76Page - Renesas Technology Corp H8S/2424 Datasheet HTML 77Page - Renesas Technology Corp H8S/2424 Datasheet HTML 78Page - Renesas Technology Corp H8S/2424 Datasheet HTML 79Page - Renesas Technology Corp H8S/2424 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 48 of 1270
REJ09B0466-0100
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions
uses an 8-bit absolute address included in the instruction code to specify a memory operand
that contains a branch address.
In advanced mode the operand is a 32-bit longword operand, providing a 32-bit branch
address. The upper 8 bits of these 32 bits are a reserved area that is regarded as H'00. Branch
addresses can be stored in the area from H'00000000 to H'000000FF. Note that the first part of
this range is also used for the exception vector table.
•
Stack Structure
In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine
call, and the PC, condition-code register (CCR), and extended control register (EXR) are
pushed onto the stack in exception handling, they are stored as shown in figure 2.4. EXR is not
pushed onto the stack in interrupt control mode 0. For details, see section 4, Exception
Handling.
PC
(24 bits)
EXR*
1
Reserved*
1
*3
CCR
PC
(24 bits)
SP
SP
(SP*
2
Reserved
(a) Subroutine Branch
(b) Exception Handling
Notes: 1. When EXR is not used, it is not stored on the stack.
2. SP when EXR is not used.
3. Ignored when returning.
)
Figure 2.4 Stack Structure in Advanced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com