Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 62Page - Renesas Technology Corp H8S/2424 Datasheet HTML 63Page - Renesas Technology Corp H8S/2424 Datasheet HTML 64Page - Renesas Technology Corp H8S/2424 Datasheet HTML 65Page - Renesas Technology Corp H8S/2424 Datasheet HTML 66Page - Renesas Technology Corp H8S/2424 Datasheet HTML 67Page - Renesas Technology Corp H8S/2424 Datasheet HTML 68Page - Renesas Technology Corp H8S/2424 Datasheet HTML 69Page - Renesas Technology Corp H8S/2424 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 38 of 1270
REJ09B0466-0100
Pin No.
H8S/2426, H8S/2426R
H8S/2424
Type
Symbol
FP-144LV
TLP-145V
FP-120BV
I/O
Function
A/D
converter
AN15_1*
3
AN14_1*
3
128
127
D6
D7
Input
Analog input pins.
AN13_1
AN12_1
126
125
D8
A8
104
103
Input
Analog input pins.
AN11_1 to
AN8_1*
3
124 to 121
B7, C8, D9, A9
Input
Analog input pins.
AN7_0 to
AN0_0
120 to 113
B8, C9, B9,
A10, C10,
B10, C11, A11
102 to 95
Input
Analog input pins.
ADTRG0-A
ADTRG0-B
ADTRG1
136
84
57
D4
J11
L8
112
69
48
Input
Pin for input of an external
trigger to start A/D
conversion.
D/A
converter
DA3
DA2
126
125
D8
A8
104
103
Output Analog output pins.
A/D
converter,
D/A
converter
AV
CC
111
B11
93
Input
Analog power-supply pin for
the A/D converter and D/A
converter. When the A/D
converter and D/A converter
are not used, this pin should
be connected to the system
power supply (+3 V).
AV
SS
129
A7
105
Input
Ground pin for the A/D
converter and D/A converter.
This pin should be connected
to the system power supply
(0 V).
Vref
112
B12
94
Input
Reference voltage input pin
for the A/D converter and D/A
converter. When the A/D
converter and D/A converter
are not used, this pin should
be connected to the system
power supply (+3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com