Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 348Page - Renesas Technology Corp H8S/2424 Datasheet HTML 349Page - Renesas Technology Corp H8S/2424 Datasheet HTML 350Page - Renesas Technology Corp H8S/2424 Datasheet HTML 351Page - Renesas Technology Corp H8S/2424 Datasheet HTML 352Page - Renesas Technology Corp H8S/2424 Datasheet HTML 353Page - Renesas Technology Corp H8S/2424 Datasheet HTML 354Page - Renesas Technology Corp H8S/2424 Datasheet HTML 355Page - Renesas Technology Corp H8S/2424 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 324 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
11
10
9
8
DTA1B
DTA1A
DTA0B
DTA0A
0
0
0
0
R/W
R/W
R/W
R/W
Data Transfer Acknowledge 1B
Data Transfer Acknowledge 1A
Data Transfer Acknowledge 0B
Data Transfer Acknowledge 0A
These bits enable or disable clearing when DMA
transfer is performed for the internal interrupt
source selected by the DTF3 to DTF0 bits in
DMACR.
If the DTA bit is set to 1 when DTE = 1, the internal
interrupt source is cleared automatically by DMA
transfer. When DTE = 1 and DTA = 1, the internal
interrupt source does not issue an interrupt request
to the CPU or DTC.
If the DTA bit is cleared to 0 when DTE = 1, the
internal interrupt source is not cleared when a
transfer is performed, and can issue an interrupt
request to the CPU or DTC in parallel. In this case,
the interrupt source should be cleared by the CPU
or DTC transfer.
When DTE = 0, the internal interrupt source issues
an interrupt request to the CPU or DTC regardless
of the DTA bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com