Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 372Page - Renesas Technology Corp H8S/2424 Datasheet HTML 373Page - Renesas Technology Corp H8S/2424 Datasheet HTML 374Page - Renesas Technology Corp H8S/2424 Datasheet HTML 375Page - Renesas Technology Corp H8S/2424 Datasheet HTML 376Page - Renesas Technology Corp H8S/2424 Datasheet HTML 377Page - Renesas Technology Corp H8S/2424 Datasheet HTML 378Page - Renesas Technology Corp H8S/2424 Datasheet HTML 379Page - Renesas Technology Corp H8S/2424 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 348 of 1270
REJ09B0466-0100
7.5.4
Repeat Mode
Repeat mode can be specified by setting the RPE bit in DMACR to 1, and clearing the DTIE bit in
DMABCRL to 0. In repeat mode, MAR is updated after each byte or word transfer in response to
a single transfer request, and this is executed the number of times specified in ETCRL. On
completion of the specified number of transfers, MAR and ETCRL are automatically restored to
their original settings and operation continues. One address is specified by MAR, and the other by
IOAR. The transfer direction can be specified by the DTDIR bit in DMACR. Table 7.7
summarizes register functions in repeat mode.
Table 7.7
Register Functions in Repeat Mode
Function
Register
DTDIR = 0 DTDIR = 1 Initial Setting
Operation
23
0
MAR
Source
address
register
Destination
address
register
Start address of
transfer destination
or transfer source
Incremented/
decremented every
transfer.
Initial setting is
restored when the
value reaches
H'0000
23
15
0
IOAR
H'FF
Destination
address
register
Source
address
register
Start address of
transfer source or
transfer destination
Fixed
0
ETCRAH
7
Holds number of
transfers
Number of transfers Fixed
0
ETCRAL
7
Transfer counter
Number of transfers Decremented every
transfer.
Loaded with
ETCRH value when
the value reaches
H'00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com