Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 383Page - Renesas Technology Corp H8S/2424 Datasheet HTML 384Page - Renesas Technology Corp H8S/2424 Datasheet HTML 385Page - Renesas Technology Corp H8S/2424 Datasheet HTML 386Page - Renesas Technology Corp H8S/2424 Datasheet HTML 387Page - Renesas Technology Corp H8S/2424 Datasheet HTML 388Page - Renesas Technology Corp H8S/2424 Datasheet HTML 389Page - Renesas Technology Corp H8S/2424 Datasheet HTML 390Page - Renesas Technology Corp H8S/2424 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 359 of 1270
REJ09B0466-0100
7.5.7
Block Transfer Mode
In block transfer mode, data transfer is performed with channels A and B used in combination.
Block transfer mode can be specified by setting the FAE bit in DMABCRH and the BLKE bit in
DMACRA to 1. In block transfer mode, a data transfer of the specified block size is carried out in
response to a single transfer request, and this is executed for the number of times specified in
ETCRB. The transfer source is specified by MARA, and the transfer destination by MARB. Either
the transfer source or the transfer destination can be selected as a block area (an area composed of
a number of bytes or words). Table 7.10 summarizes register functions in block transfer mode.
Table 7.10
Register Functions in Block Transfer Mode
Register
Function
Initial Setting
Operation
23
0
MARA
Source address
register
Start address of
transfer source
Incremented/decremented
every transfer, or fixed
23
0
MARB
Destination
address register
Start address of
transfer destination
Incremented/decremented
every transfer, or fixed
0
ETCRAH
7
0
ETCRAL
7
Holds block
size
Block size
counter
Block size
Block size
Fixed
Decremented every
transfer; ETCRAH value
copied when count
reaches H'00
0
15
ETCRB
Block transfer
counter
Number of block
transfers
Decremented every block
transfer; transfer ends
when count reaches
H'0000
MARA and MARB specify the start addresses of the transfer source and transfer destination,
respectively, as 24 bits. MAR can be incremented or decremented by 1 or 2 each time a byte or
word is transferred, or can be fixed. Incrementing, decrementing, or holding a fixed value can be
set separately for MARA and MARB. Whether a block is to be designated for MARA or for
MARB is specified by the BLKDIR bit in DMACRA.
To specify the number of transfers, if M is the size of one block (where M = 1 to 256) and N
transfers are to be performed (where N = 1 to 65,536), M is set in both ETCRAH and ETCRAL,
and N in ETCRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com