| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 436 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 436 Page - Renesas Technology Corp |
|
436 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 408 of 1270 REJ09B0466-0100 8.4 Operation 8.4.1 Transfer Modes The transfer modes of the EXDMAC are summarized in table 8.2. Table 8.2 EXDMAC Transfer Modes Address Registers Transfer Mode Transfer Origin Number of Transfers Source Destination Auto request mode • Burst/cycle steal mode Auto request Normal transfer mode External request mode • Cycle steal mode External request 1 to 16,777,215 or no specification Dual address mode Block transfer mode External request mode • Burst transfer of specified block size for a single transfer request • Block size: 1 to 256 bytes or words External request 1 to 65,535 or no specification EDSAR EDDAR Single address mode • Direct data transfer to/from external device using EDACK pin instead of source or destination address register • Above transfer mode can be specified in addition to address register setting • One transfer possible in one bus cycle (Transfer mode variations are the same as in dual address mode.) EDSAR/ EDACK EDACK/ EDDAR The transfer mode can be set independently for each channel. In normal transfer mode, a one-byte or one-word transfer is executed in response to one transfer request. With auto requests, burst or cycle steal transfer mode can be set. In burst transfer mode, continuous, high-speed transfer can be performed until the specified number of transfers have been executed or the transfer enable bit is cleared to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |