Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 437Page - Renesas Technology Corp H8S/2424 Datasheet HTML 438Page - Renesas Technology Corp H8S/2424 Datasheet HTML 439Page - Renesas Technology Corp H8S/2424 Datasheet HTML 440Page - Renesas Technology Corp H8S/2424 Datasheet HTML 441Page - Renesas Technology Corp H8S/2424 Datasheet HTML 442Page - Renesas Technology Corp H8S/2424 Datasheet HTML 443Page - Renesas Technology Corp H8S/2424 Datasheet HTML 444Page - Renesas Technology Corp H8S/2424 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 413 of 1270
REJ09B0466-0100
8.4.3
DMA Transfer Requests
(1)
Auto Request Mode
In auto request mode, transfer request signals are automatically generated within the EXDMAC in
cases where a transfer request signal is not issued from outside, such as in transfer between two
memories, or between a peripheral module that is not capable of generating transfer requests and
memory. In auto request mode, transfer is started when the EDA bit is set to 1 in EDMDR.
In auto request mode, either cycle steal mode or burst mode can be selected as the bus mode.
Block transfer mode cannot be used.
(2)
External Request Mode
In external request mode, transfer is started by a transfer request signal (
EDREQ) from a device
external to this LSI. DMA transfer is started when
EDREQ is input while DMA transfer is enabled
(EDA = 1).
The transfer request source need not be the data transfer source or data transfer destination.
The transfer request signal is accepted via the
EDREQ pin. Either falling edge sensing or low level
sensing can be selected for the
EDREQ pin by means of the EDREQS bit in EDMDR (low level
sensing when EDREQS = 0, falling edge sensing when EDREQS = 1).
Setting the EDRAKE bit to 1 in EDMDR enables a signal confirming transfer request acceptance
to be output from the
EDRAK pin. The EDRAK signal is output when acceptance and transfer
processing has been started in response to a single external request. The
EDRAK signal enables
the external device to determine the timing of
EDREQ signal negation, and makes it possible to
provide handshaking between the transfer request source and the EXDMAC.
In external request mode, block transfer mode can be used instead of burst mode. Block transfer
mode allows continuous execution (burst operation) of the specified number of transfers (the block
size) in response to a single transfer request. In block transfer mode, the
EDRAK signal is output
only once for a one-block transfer, since the transfer request via the
EDREQ pin is for a block
unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com