Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 442Page - Renesas Technology Corp H8S/2424 Datasheet HTML 443Page - Renesas Technology Corp H8S/2424 Datasheet HTML 444Page - Renesas Technology Corp H8S/2424 Datasheet HTML 445Page - Renesas Technology Corp H8S/2424 Datasheet HTML 446Page - Renesas Technology Corp H8S/2424 Datasheet HTML 447Page - Renesas Technology Corp H8S/2424 Datasheet HTML 448Page - Renesas Technology Corp H8S/2424 Datasheet HTML 449Page - Renesas Technology Corp H8S/2424 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 418 of 1270
REJ09B0466-0100
8.4.6
Repeat Area Function
The EXDMAC has a function for designating a repeat area for source addresses and/or destination
addresses. When a repeat area is designated, the address register values repeat within the range
specified as the repeat area. Normally, when a ring buffer is involved in a transfer, an operation is
required to restore the address register value to the buffer start address each time the address
register value is the last address in the buffer (i.e. when ring buffer address overflow occurs), but
if the repeat area function is used, the operation that restores the address register value to the
buffer start address is performed automatically within the EXDMAC.
The repeat area function can be set independently for the source address register and the
destination address register.
The source address repeat area is specified by bits SARA4 to SARA0 in EDACR, and the
destination address repeat area by bits DARA4 to DARA0 in EDACR. The size of each repeat
area can be specified independently.
When the address register value is the last address in the repeat area and repeat area overflow
occurs, DMA transfer can be temporarily halted and an interrupt request sent to the CPU. If the
SARIE bit in EDACR is set to 1, when the source address register overflows the repeat area, the
IRF bit is set to 1 and the EDA bit cleared to 0 in EDMDR, and transfer is terminated. If EDIE = 1
in EDMDR, an interrupt is requested. If the DARIE bit in EDACR is set to 1, the above applies to
the destination address register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com