| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 467 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 467 Page - Renesas Technology Corp |
|
467 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 439 of 1270 REJ09B0466-0100 (4) EDREQ Pin Low Level Activation Timing Figure 8.27 shows an example of single address mode transfer activated by the EDREQ pin low level. Single Single DMA single Address bus φ EDREQ Idle Bus release DMA control Channel Transfer source/ destination Transfer source/ destination Bus release Idle DMA single Bus release Idle EDACK [1] [3] [2] [4] [6] [5] [7] Acceptance resumed Acceptance resumed Request clearance period Request clearance period Request Request Minimum 3 cycles Minimum 3 cycles [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of φ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] DMA cycle is started. [4], [7] Acceptance is resumed after completion of single cycle. (As in [1], EDREQ pin low level is sampled at rise of φ, and request is held.) Figure 8.27 Example of Single Address Mode Transfer Activated by EDREQ Pin Low Level EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the EDMDR write cycle for setting the transfer-enabled state. When a low level is sampled at the EDREQ pin while acceptance via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared. At the end of the single cycle, acceptance resumes and EDREQ pin low level sampling is performed again; this sequence of operations is repeated until the end of the transfer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |