Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 481Page - Renesas Technology Corp H8S/2424 Datasheet HTML 482Page - Renesas Technology Corp H8S/2424 Datasheet HTML 483Page - Renesas Technology Corp H8S/2424 Datasheet HTML 484Page - Renesas Technology Corp H8S/2424 Datasheet HTML 485Page - Renesas Technology Corp H8S/2424 Datasheet HTML 486Page - Renesas Technology Corp H8S/2424 Datasheet HTML 487Page - Renesas Technology Corp H8S/2424 Datasheet HTML 488Page - Renesas Technology Corp H8S/2424 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 457 of 1270
REJ09B0466-0100
The transfer end interrupt can be cleared either by clearing the IRF bit to 0 in EDMDR within the
interrupt handling routine, or by re-setting the transfer counter and address registers and then
setting the EDA bit to 1 in EDMDR to perform transfer continuation processing. An example of
the procedure for clearing the transfer end interrupt and restarting transfer is shown in figure 8.46.
[1] Write set values to the registers (transfer counter, address registers, etc.).
[2] Write 1 to the EDA bit in EDMDR to restart EXDMA operation. When 1 is written to the EDA
bit, the IRF bit in EDMDR is automatically cleared to 0 and the interrupt source is cleared.
[3] The interrupt handling routine is ended with an RTE instruction, etc.
[4] Clear the IRF bit to 0 in EDMDR by first reading 1 from it, then writing 0.
[5] After the interrupt handling routine is ended with an RTE instruction, etc., interrupt masking is
cleared.
[6] Write set values to the registers (transfer counter, address registers, etc.).
[7] Write 1 to the EDA bit in EDMDR to restart EXDMA operation.
End of transfer restart
processing
Write 1 to EDA bit
Change register settings
End of interrupt handling
routine
Clear IRF bit to 0
Transfer restart after end
of interrupt handling routine
Transfer end interrupt
exception handling routine
Transfer continuation
processing
Change register settings
Write 1 to EDA bit
End of interrupt handling
routine
(RTE instruction execution)
End of transfer restart
processing
[1]
[4]
[5]
[6]
[7]
[2]
[3]
Figure 8.46 Example of Procedure for Restarting Transfer on Channel in which Transfer
End Interrupt Occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com