Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 561 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 561 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 557Page - Renesas Technology Corp H8S/2424 Datasheet HTML 558Page - Renesas Technology Corp H8S/2424 Datasheet HTML 559Page - Renesas Technology Corp H8S/2424 Datasheet HTML 560Page - Renesas Technology Corp H8S/2424 Datasheet HTML 561Page - Renesas Technology Corp H8S/2424 Datasheet HTML 562Page - Renesas Technology Corp H8S/2424 Datasheet HTML 563Page - Renesas Technology Corp H8S/2424 Datasheet HTML 564Page - Renesas Technology Corp H8S/2424 Datasheet HTML 565Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 533 of 1270
REJ09B0466-0100
TPU channel 5
settings
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01
××
B'001
×
B'0010
B'0011
IOA3 to IOA0
B'0000,
B'0100,
B'1
×××
B'0001 to
B'0011,
B'0101 to
B'0111
B'
××00
Other than
B'
××00
Other than B'
××00
CCLR1,
CCLR0
Other than
B'01
B'01
Output function
Output
compare
output
PWM*
3 mode
1 output
PWM mode
2 output
Legend:
×: Don’t care
Notes: 1. TIOCA5 input when MD3 to MD0 = B'0000 or B'01
×× and IOA3 = 1.
2.
IRQ14-B input when the ITS14 bit in ITSR is 1.
3. TIOCB5 output disabled.
4.
ADTRG1 input when EXTRGS = 0 and TRGS1 = TRGS0 = 1.
• P25/PO5-A/TIOCB4-A/IRQ13-B/WAIT-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit WAITE in BCR of the bus controller, TPU channel 4 settings (by bits
MD3 to MD0 in TMDR_4, bits IOB3 to IOB0 in TIOR_4, and bits CCLR1 and CCLR0 in
TCR_4), bit NDER5 in NDERL of the PPG, bits PPGS, TPUS, and TMRS in PFCR3, bit
WAITS in PFCR4, bit P25DDR, and bit ITS13 in ITSR of the interrupt controller.
• Modes 1, 2, 4, and 7 (EXPE = 1)
WAITE
0
1
TPU channel 4
settings
(1) in table
below
(2) in table below
P25DDR
0
1
1
NDER5
0
1
P25 input
P25 output
PO5-A output*
3
TIOCB4-A
output*
4
TIOCB4-A input*
1*4
WAIT-B input*5
Pin function
IRQ13-B interrupt input*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com